|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
delta p/n : hcb137590 series mechanical dimensions electrical characteristics delta p/n l 1 (nh) li (nh) dcr (m ? ) isat 2 (a) ir 3 (a) HCB137590-231 230 207 60 hcb137590-271 270 243 0.28 10% 53 44 1. tolerance of inductance : 15% 2. isat is the dc current which cause the inductance drop to li. 3. ir is the dc current which cause the surface temp erature of the part increase approximately 40 j . 4. operating temperature: -40 j to 125 j (self-temperature rise included). dimensions (unit : mm) a 13.0 max b 7.5 max c 9.0 max d 2.5 e 3.5 f 2.5 g 1.2 h 3.0 i 4.5 j 13.0
|
Price & Availability of HCB137590-231 |